| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC81xM Fiches technique(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC81xM Fiches technique(HTML) 41 Page - NXP Semiconductors |
|
41 / 78 page ![]() LPC81XM All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 4.6 — 4 April 2018 41 of 78 NXP Semiconductors LPC81xM 32-bit ARM Cortex-M0+ microcontroller 11.2 CoreMark data Conditions: VDD = 3.3 V; Tamb = 25 C; active mode; all peripherals except one UART and the SCT disabled in the SYSAHBCLKCTRL register; system clock derived from the IRC; system oscillator disabled; internal pull-up resistors enabled; BOD disabled. Measured with Keil uVision v.4.7. Fig 20. Active mode: CoreMark power consumption IDD Conditions: VDD = 3.3 V; active mode; all peripherals except one UART and the SCT disabled in the SYSAHBCLKCTRL register; internal pull-up resistors enabled; BOD disabled. Measured with Keil uVision v.4.7. Fig 21. CoreMark score |