| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8591 Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8591 Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 50 page ![]() Product Preview WM8591 w PP Rev 1.0 May 2005 3 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8591GEDS/V -25 to +85 oC 28-pin SSOP (lead free) MSL2 260 °C WM8591GEDS/RV -25 to +85 oC 28-pin SSOP (lead free, tape and reel) MSL2 260 °C Note: Reel quantity = 2,000 |