Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3003ACPZ-R7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV3003ACPZ-R7
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3003ACPZ-R7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV3003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADV3003
Rev. A | Page 11 of 16
The ADV3003 has an external control pin, TX_EN. The
TX_EN pin must be connected to either a logic high (1) or
low (0), in accordance with the logic values set forth in Table 1.
The use of the TX_EN pin is described in Table 5. When the
transmitter is enabled by setting TX_EN to 1, both the input
and output terminations are enabled. Setting TX_EN to 0
disables the transmitter, reducing power when the transmitter
is not in use. When the transmitter is disabled, the input termi-
nation resistors are also disabled to present a high impedance
state at the input and indicate to any connected HDMI sources
that the link through the ADV3003 is inactive.
Table 5. Transmitter Enable Setting
TX_EN
Input
Termination
Transmitter
State
Output
Termination
0
Off
Off
On
1
On
On
On
The ADV3003 also includes two levels of programmable output
pre-emphasis, 0 dB and 6 dB. The output pre-emphasis level can
be manually configured by setting the PE_EN pin. The PE_EN
pin must be connected to either a logic high (1) or low (0), in
accordance with the logic values set forth in Table 1. The use of
the PE_EN pin is described in Table 6. No specific cable length
is suggested for use with either pre-emphasis setting, because
cable performance varies widely among manufacturers.
Table 6. Pre-Emphasis Enable Setting
PE_EN
Boost
0
0 dB
1
6 dB
In a typical application, the output of the ADV3003 is
connected to the input of an HDMI/DVI receiver, which
provides a second set of matched terminations in accordance
with the HDMI 1.3 specification. If neither receiver nor receiver
termination is connected to the output of the ADV3003 in the
end-application, each ADV3003 output pin should be tied to
3.3 V through a 50 Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16