| Moteur de recherche de fiches techniques de composants électroniques |
|
DF49 Fiches technique(PDF) 11 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF49 Fiches technique(HTML) 11 Page - Hirose Electric |
|
11 / 11 page ![]() 11 DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors Precautions un-mating Use a dedicated extraction tool to un-mate the plug. Insert the tool under either end of the plug and pull as illustrated bellow. Insert the tool under either pull out the plug Finish end of the plug. (for the horizontal direction) • Do not mate / un-mate the connectors when receptacle is not mounted on the board. • In the manual soldering process, don't carry out the flux coating which will cause a flux blister on the connector. • Excessive scoop insertion or extraction may result in damage. The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |