Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF49 Fiches technique(PDF) 10 Page - Hirose Electric

No de pièce DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Fiches technique(HTML) 10 Page - Hirose Electric

Back Button DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric DF49 Datasheet HTML 10Page - Hirose Electric DF49 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
■
Precautions
Precautions
Mating / un-mating
Please work according to the following operational procedure:
① Confirmation of insertion direction
Upon insertion, please check the front and rear of the connector at the cable side.
On the front side, the ∆ mark, HRS mark and the display of the pole number are stamped.
② Confirmation of temporary insertion
Please lay the plug into the receptacle gently and insert up to the temporary insertion position.
* If inserted up to the temporary insertion position, the connection can be correctly ensured.
③ Confirmation of insertion
From the temporary insertion position, please push on both sides of the plug simultaneously and with equal force, to confirm the insertion.
△ mark
HRS mark
Number of contacts indicator
CAV No.
Receptacle shell dual-end surface
Receptacle shell dual-end surface
Plug shell end surface
Plug shell end surface
Before temporary insertion
With temporary insertion
Connection
direction
Confirmed insertion
Push in both
sides of the plug.
Mating
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11