Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APL6002ABO-TRG Fiches technique(PDF) 14 Page - Anpec Electronics Coropration

No de pièce APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Fiches technique(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 15Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 16Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 17Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
14
Carrier Tape & Reel Dimensions
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d
Application
A
H
T1
C
d
D
W
E1
F
178.0±2.00 50 MIN.
8.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
8.0±0.30 1.75±0.10
3.5±0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
SOT-23-8
4.0
±0.10
4.0
±0.10
2.0
±0.05
1.5+0.10
-0.00
1.0 MIN.
0.6+0.00
-0.40
3.20
±0.20 3.10±0.20 1.50±0.20
(mm)
Devices Per Unit
Package Type
Unit
Quantity
SOT-23-8
Tape & Reel
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17