| Moteur de recherche de fiches techniques de composants électroniques |
|
APL6002ABO-TRG Fiches technique(PDF) 13 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APL6002ABO-TRG Fiches technique(HTML) 13 Page - Anpec Electronics Coropration |
|
13 / 17 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.3 - Jun., 2017 APL6002 www.anpec.com.tw 13 Package Information SOT-23-8 L VIEW A GAUGE PLANE SEATING PLANE D SEE VIEW A c e e1 b S Y M B O L MIN. MAX. 1.45 0.00 0.08 0.22 0.15 A A1 c D E E1 e e1 L MILLIMETERS b 0.22 0.38 0.65 BSC SOT-23-8 0.30 0.60 0.026 BSC MIN. MAX. INCHES 0.057 0.000 0.035 0.051 0.003 0.009 0.012 0.024 0 0.006 A2 0.90 1.30 0.009 0.015 1.95 BSC 0.077 BSC ° 0 ° 8 ° 0 ° 8 1.40 1.80 2.60 3.00 2.70 3.10 0.106 0.122 0.055 0.071 0.102 0.118 Note : 1. Follow JEDEC MO-178 BA. 2. Dimension D and E1 do not include mold flash, protrusions or gate burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil per side. |