Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAINSLINK-RX Fiches technique(PDF) 5 Page - rfsolutions.ltd

No de pièce MAINSLINK-RX
Description  MAINSLINK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MAINSLINK-RX Fiches technique(HTML) 5 Page - rfsolutions.ltd

  MAINSLINK-RX Datasheet HTML 1Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 2Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 3Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 4Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 5Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAINSLINK
Patent Pending
Operational Features and Advanced Instructions:
System Communication:
The MAINSLINK-TX transmitter automatically sends it’s status to the MAINSLINK-RX Receiver every time the SWITCHED
LIVE wired into the TX becomes active. The MAINSLINK-RX receiver then mirrors the MAINSLINK-TX Transmitters’ status.
Fail safe “Watchdog” feature
The Watchdog Feature improved reliability for the system.
When enabled, the MAINSLINK-TX automatically sends a background signal every 20 secs when its input is active.
The MAINSLINK-RX expects to receive this background watchdog signal. If it fails to receive one watchdog signal within a
two minute period it will deactivate its output.
Multiple system operation:
Each MAINSLINK transmitter is uniquely coded, this means that no two systems will cross operate by
default. If multiple transmitters or receivers are required to work together the MAINSLINK can be
programmed to work together.
One to Many Operation:
To pair a transmitter of receivers together the following process must be done:
1)
Apply power to MAINSLINK-RX (once powered do not touch the PCB!)
2)
Pass a magnet close to the magnetic learn switch, you should see an LED start to flash
3)
Whilst this LED is flashing apply power to the MAINSLINK-TX and then power unit off
4)
MAINSLINK-RX will stop flashing its LED
5)
Your MAINSLINK-TX will now operate your MAINSLINK-RX
6)
Pairing complete
Advanced Tip: It is not recommended to have too many systems operating in one location however, as effective operation
could become compromised.
Power Supply
The MAINSLINK is designed to operate between 110-230V in a fixed installation. Before removing the cover on either
Transmitter or Receiver ensure that the mains input supply is isolated. Maintenance to the product that involves removal
of the cover should only be carried out by a competent person or qualified electrician.
MAINSLINK-TX
MAINSLINK-RX
1
2
3
4
“Watchdog”
Pulsed transmission
enable link.
Active if connected.
“Watchdog”
Pulsed transmission enable link.
Active if connected.
1
2
Momentary / Latching
operation
Magnetic learn switch



Html Pages

1 2 3 4 5 6