Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAINSLINK-RX Fiches technique(PDF) 3 Page - rfsolutions.ltd

No de pièce MAINSLINK-RX
Description  MAINSLINK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MAINSLINK-RX Fiches technique(HTML) 3 Page - rfsolutions.ltd

  MAINSLINK-RX Datasheet HTML 1Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 2Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 3Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 4Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 5Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAINSLINK
Patent Pending
36.00
88.00
30.00
Fixing Instructions:
1.
Fix the rear of the MAINSLINK enclosure to the wall using the template above.
2.
Ensure that all fixing screws are screwed flush to the enclosure.
3.
Ensure that the screw covers are put in place. These ensure water proofing and insulate the PCB
from the wall fixing screws. Screw Covers are found inside the rear of the enclosure.
4.
Once the enclosure is fixed to the wall, screw the on front plate with the PCB in place.
FIG 1.3 Wall Mounting
Template
All dimensions in mm
Dimensions and Wall mounting information:
MAINSLINK is a professional use product and should only be installed by a competent person.



Html Pages

1 2 3 4 5 6