| Moteur de recherche de fiches techniques de composants électroniques |
|
AN0366 Fiches technique(PDF) 5 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
AN0366 Fiches technique(HTML) 5 Page - Zilog, Inc. |
|
5 / 12 page ![]() AN036602-1013 5 Porting RZK/ZTP Applications to the eZ80L925148MODG Module Application Note 4. Examine the settings of the remaining chip selects in the Chip Select Registers: drop-down menu, and verify that the settings for CS0 to CS3 correspond to the values shown in Table 3. 5. When configuring RAM build configurations using the eZ80L925148MODG Module with the eZ80Acclaim! Development Platform, Zilog recommends using the settings in the Address Spaces selection of the Project Settings dialog, which is shown in Fig- ure 3. Ensure that the project’s settings match the values displayed in this figure. Table 2. Chip Select Settings for the RAM Build Chip Select Memory Range CS Control CS Bus Mode CS0 0x100000–0x7FFFFF 0x88 0x01 CS1 0x000000–0x07FFFF 0x08 0x01 CS2 0x800000–0xBFFFFF 0x28 0x01 CS3 0x030000–0x030000 0x18 0x84 |