Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN0366 Fiches technique(PDF) 9 Page - Zilog, Inc.

No de pièce AN0366
Description  Porting RZK/ZTP Applications to the eZ80L925148MODG Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

AN0366 Fiches technique(HTML) 9 Page - Zilog, Inc.

Back Button AN0366 Datasheet HTML 4Page - Zilog, Inc. AN0366 Datasheet HTML 5Page - Zilog, Inc. AN0366 Datasheet HTML 6Page - Zilog, Inc. AN0366 Datasheet HTML 7Page - Zilog, Inc. AN0366 Datasheet HTML 8Page - Zilog, Inc. AN0366 Datasheet HTML 9Page - Zilog, Inc. AN0366 Datasheet HTML 10Page - Zilog, Inc. AN0366 Datasheet HTML 11Page - Zilog, Inc. AN0366 Datasheet HTML 12Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN036602-1013
9
Porting RZK/ZTP Applications to the eZ80L925148MODG Module
Application Note
eZ80L925148MODG Preprocessor Definition
The eZ80L925148MODG preprocessor definition is used to simplify and unify project
settings between the various build configurations (RAM, Flash and Copy to RAM). This
new preprocessor definition replaces the following preprocessor definitions used with the
eZ80L925048MOD Module: RAM_BUILD and ZFS_COPY_TO_RAM. RZK/ZTP proj-
ects that target the eZ80L925148MODG Module should include the eZ80L925148MODG
preprocessor definition regardless of which build configuration is used and should not use
the RAM_BUILD or ZFS_COPY_TO_RAM preprocessor definitions.
The eZ80L925148MODG preprocessor definition is used to select a memory configura-
tion compatible with the optional Zilog File System (ZFS) and the optional data persis-
tence module.
Figure 6. The Address Spaces Dialog for the Copy to RAM Build



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12