| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8213YRMZ-R7 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8213YRMZ-R7 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 14 page ![]() Data Sheet AD8213 Rev. D | Page 5 of 14 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 1 2 10 9 38 47 5 6 Figure 2. Metallization Diagram –IN2 1 +IN2 2 GND 3 OUT2 4 CF2 5 –IN1 10 +IN1 9 V+ 8 OUT1 7 CF1 6 AD8213 TOP VIEW (Not to Scale) Figure 3. Pin Configuration Table 3. Pin Function Descriptions Pin No. Mnemonic X Y Description 1 −IN2 −401 +677 Inverting Input of the Second Channel. 2 +IN2 −401 +510 Noninverting Input of the Second Channel. 3 GND −401 −53 Ground. 4 OUT2 −394 −500 Output of the Second Channel. 5 CF2 −448 −768 Low-Pass Filter Pin for the Second Channel. 6 CF1 +448 −768 Low-Pass Filter Pin for the First Channel. 7 OUT1 +394 −500 Output of the First Channel. 8 V+ +401 −61 Supply. 9 +IN1 +401 +510 Noninverting Input of the First Channel. 10 −IN1 +401 +677 Inverting Input of the First Channel. |