Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EN1CF2 Fiches technique(PDF) 11 Page - Vicor Corporation

No de pièce EN1CF2
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CF2 Fiches technique(HTML) 11 Page - Vicor Corporation

Back Button EN1CF2 Datasheet HTML 5Page - Vicor Corporation EN1CF2 Datasheet HTML 6Page - Vicor Corporation EN1CF2 Datasheet HTML 7Page - Vicor Corporation EN1CF2 Datasheet HTML 8Page - Vicor Corporation EN1CF2 Datasheet HTML 9Page - Vicor Corporation EN1CF2 Datasheet HTML 10Page - Vicor Corporation EN1CF2 Datasheet HTML 11Page - Vicor Corporation EN1CF2 Datasheet HTML 12Page - Vicor Corporation EN1CF2 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 11 of 13
06/2017
800 927.9474
EN1xxx
Example
In this example, the output required from the DC-DC converter
at the point of load is 12VDC at 320W. Therefore, the output
power from the ENMods would be 375W (assuming a converter
efficiency of 85%). The desired hold-up time is 9ms over an input
range of 90 to 264VAC.
Determining Required Capacitance for Power Fail Warning:
Figure 13 is used to determine capacitance for a given power
fail warning time and power level, and shows that the total bus
capacitance should be at least 820µF. Since two capacitors are
used in series, each capacitor should be at least 1,640µF. Note
that warning time is not dependent on line voltage. A hold-up
capacitor calculator is available on the Vicor website, at:
www.vicorpower.com/powerbench/product-calculators.
Determining Ride-through Time: Figure 14 illustrates
ride-through time as a function of line voltage and output power,
and shows that at a nominal line of 90VAC, ride-through would be
68ms. Ride-through time is a function of line voltage.
Determining Ripple Voltage on the Hold-up Capacitors:
Figure 16 is used to determine ripple voltage as a function of
operating power and bus capacitance, and shows that the ripple
voltage across the hold-up capacitors will be 12Vp-p.
Determining the Ripple on the Output of the DC-DC
Converter: Figure 17 is used to determine the ripple rejection
of the DC-DC converter and indicates a ripple rejection of
approximately 60dB for a 12V output. Since the ripple on the
bus voltage is 12VAC and the ripple rejection of the converter is
60dB, the output ripple of the converter due to ripple on its input
(primarily 120Hz) will be 12mVp-p.
A variety of hold-up capacitor assemblies (HUBs) are available.
Please visit the Vicor website at:
www.vicorpower.com/powerbench/product-calculators.
For more information about designing an autoranging
AC input power supply using the ENMods and Vicor DC-DC converter
modules, contact Vicor Applications Engineering at the nearest Vicor Tech-
nical Support Center, or send E-mail to:
apps@vicorpower.com.
Storage
Vicor products, when not installed in customer units, should be
stored in ESD safe packaging in accordance with ANSI/ESD S20.20,
“Protection of Electrical and Electronic Parts, Assemblies and
Equipment” and should be maintained in a temperature controlled
factory/ warehouse environment not exposed to outside elements
controlled between the temperature ranges of 15°C and 38°C.
Humidity shall not be condensing, no minimum humidity when
stored in an ESD compliant package.
Application Note (Cont.)
The power fail warning time (∆t) is defined as the interval
between BOK and converter shutdown (EN) as illustrated in
Figure 15. The Bus-OK and Enable thresholds are 205V and
190V, respectively. A simplified relationship between power fail
warning time, operating power, and bus capacitance is obtained
by inserting these constants in Equation (3):
It should be noted that the series combination (C1, C2, see
Figure 1a) requires each capacitor to be twice the calculated
value, but the required voltage rating of each capacitor is
reduced to 200V.
Allowable ripple voltage on the bus (or ripple current in the
capacitors) may define the capacitance requirement.
Consideration should be given to converter ripple rejection.
Equation 3 is again used to determine the required capacitance.
In this case, V1 and V2 are the instantaneous values of bus
voltage at the peaks and valleys (see Figure 15) of the ripple,
respectively. The capacitors must hold up the bus voltage for the
time interval (∆t) between peaks of the rectified line as given by:
The approximate conduction angle is given by:
Another consideration in hold-up capacitor selection is their
ripple current rating. The capacitors’ rating must be higher
than the maximum operating ripple current. The approximate
operating ripple current (rms) is given by:
Calculated values of bus capacitance for various hold-up time,
ride-through time, and ripple voltage requirements are given
as a function of operating power level in Figures 13, 14, and
16, respectively.
C = 2Pt / (2052 – 1902)
C = 2Pt / (5,925)
(4)
t = (π – θ) / 2πf
Where:
f = line frequency
θ = rectifier conduction angle
(5)
θ = Cos-1V
2 /V1
(6)
I
RMS = 2P/Vac
Where:
P = total output power
Vac = operating line voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com