Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EN1CF2 Fiches technique(PDF) 7 Page - Vicor Corporation

No de pièce EN1CF2
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CF2 Fiches technique(HTML) 7 Page - Vicor Corporation

Back Button EN1CF2 Datasheet HTML 3Page - Vicor Corporation EN1CF2 Datasheet HTML 4Page - Vicor Corporation EN1CF2 Datasheet HTML 5Page - Vicor Corporation EN1CF2 Datasheet HTML 6Page - Vicor Corporation EN1CF2 Datasheet HTML 7Page - Vicor Corporation EN1CF2 Datasheet HTML 8Page - Vicor Corporation EN1CF2 Datasheet HTML 9Page - Vicor Corporation EN1CF2 Datasheet HTML 10Page - Vicor Corporation EN1CF2 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 7 of 13
06/2017
800 927.9474
EN1xxx
The ENMod component power front-end system for EN
compliance provides an effective solution for an AC front end of a
power supply enabled with Vicor DC-DC converters. The ENMod
system’s basic building blocks are the MiniHAM passive harmonic
attenuation module, the FARM3 autoranging AC-DC front-end
module (Figure 9) and a discrete EMI filter.
The ENMod system provides transient/surge immunity, harmonic
current attenuation and EMI filtering, in addition to all of the
power switching and control circuitry necessary for autoranging
rectification, inrush current limiting, and overvoltage protection.
Converter enable and status functions for orderly power up/
down control or sequencing are also provided. To complete the
AC front-end configuration, the user only needs to add hold-up
capacitors, a simple EMI filter, and a few discrete components
(see Figure 1a).
Functional Description (FARM3, see Figures 9 & 10)
Power-Up Sequence
1.1 Upon application of input power, the hold-up capacitors
begin to charge. The thermistor limits the charge current, and
the exponential time constant is determined by the hold-up
capacitor value and the thermistor cold resistance. The slope
(dV/dt) of the capacitor voltage versus time approaches zero
as the capacitors become charged to the peak of the
AC line voltage.
The switch that bypasses the inrush limiting PTC (positive
temperature coefficient) thermistor is open when power is
applied, as is the switch that engages the strap for voltage
doubling. In addition, the converter modules are disabled via
the Enable (EN) line, and Bus-OK (BOK) is high.
2.1 If the bus voltage is less than 200V as the slope nears zero,
the voltage doubler is activated, and the bus voltage climbs
exponentially to twice the peak line voltage. If the bus
voltage is greater than 200V, the doubler is not activated.
3.1 If the bus voltage is greater than 235V as the slope
approaches zero, the inrush limiting thermistor is bypassed.
Below 235V, it is not bypassed.
4.1 The converters are enabled ~150 milliseconds after the
thermistor bypass switch is closed.
5.1 Bus-OK is asserted after an additional ~150 millisecond delay
to allow the converter outputs to settle
within specification.
Power-Down Sequence: When input power is turned off or
fails, the following sequence occurs as the bus voltage decays:
1.2 Bus-OK is deasserted when the bus voltage falls below
210VDC.
2.2 The converters are disabled when the bus voltage falls
below 190VDC. If power is reapplied after the converters are
disabled, the entire power-up sequence is repeated.
If a momentary power interruption occurs and power
is reestablished before the bus reaches the disable threshold,
the power-up sequence is not repeated,
i.e., the power conversion system “rides through”
the momentary interruption.
Application Note
Microcontroller
N
L
PTC
Thermistor
+OUT
–OUT
Strap
EN
BOK
Strap
SR
EMI
Filter
EMI GND
400
300
200
100
0
90 – 132V
AC Line
Output
Bus
(VDC)
Strap
PTC
Thermistor
Bypass
Converter
Enable
Bus OK
~150ms
Power
Up
Power
Down
Timing Diagram, Power Up/Down Sequence
4.1
1.1
2.1
3.1
5.1
2.2
1.2
~150ms
Figure 9 — Functional block diagram: FARM3 module
Figure 10 — Timing diagram: power-up/down sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com