Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH2L06A Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STTH2L06A
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06A Fiches technique(HTML) 7 Page - STMicroelectronics

  STTH2L06A Datasheet HTML 1Page - STMicroelectronics STTH2L06A Datasheet HTML 2Page - STMicroelectronics STTH2L06A Datasheet HTML 3Page - STMicroelectronics STTH2L06A Datasheet HTML 4Page - STMicroelectronics STTH2L06A Datasheet HTML 5Page - STMicroelectronics STTH2L06A Datasheet HTML 6Page - STMicroelectronics STTH2L06A Datasheet HTML 7Page - STMicroelectronics STTH2L06A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH2L06
7/8
Figure 19: DO-41 Package Mechanical Data
CA
B
O
/
O
/ D
O
/ D
C
Table 7: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH2L06
STTH2L06
DO-41
0.34 g
2000
Ammopack
STTH2L06RL
STTH2L06
DO-41
0.34 g
5000
Tape & reel
STTH2L06A
L6A
SMA
0.068 g
5000
Tape & reel
STTH2L06U
L6U
SMB
0.11 g
2500
Tape & reel
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.07
5.20
0.160
0.205
B
2.04
2.71
0.080
0.107
C28
1.102
D
0.712
0.863
0.028
0.034
Table 8: Revision History
Date
Revision
Description of Changes
07-Sep-2004
1
First issue



Html Pages

1 2 3 4 5 6 7 8