Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH2L06A Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STTH2L06A
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06A Fiches technique(HTML) 6 Page - STMicroelectronics

  STTH2L06A Datasheet HTML 1Page - STMicroelectronics STTH2L06A Datasheet HTML 2Page - STMicroelectronics STTH2L06A Datasheet HTML 3Page - STMicroelectronics STTH2L06A Datasheet HTML 4Page - STMicroelectronics STTH2L06A Datasheet HTML 5Page - STMicroelectronics STTH2L06A Datasheet HTML 6Page - STMicroelectronics STTH2L06A Datasheet HTML 7Page - STMicroelectronics STTH2L06A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STTH2L06
6/8
Figure 17: SMB Package Mechanical Data
Figure 18: SMB Foot Print Dimensions
(in millimeters)
E
C
L
E1
D
A1
A2
b
1.52
2.75
2.3
1.52
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.60
0.030
0.063



Html Pages

1 2 3 4 5 6 7 8