| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72F521M Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521M Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 199 page ![]() ST72521M/R/AR 39/199 INTERRUPTS (Cont’d) Figure 22. External Interrupt Control bits IS10 IS11 EICR SENSITIVITY CONTROL PBOR.3 PBDDR.3 IPB BIT PB3 ei2 INTERRUPT SOURCE PORT B [3:0] INTERRUPTS PB3 PB2 PB1 PB0 IS10 IS11 EICR SENSITIVITY CONTROL PBOR.7 PBDDR.7 PB7 ei3 INTERRUPT SOURCE PORT B [7:4] INTERRUPTS PB7 PB6 PB5 PB4 IS20 IS21 EICR SENSITIVITY CONTROL PAOR.3 PADDR.3 IPA BIT PA3 ei0 INTERRUPT SOURCE PORT A [3:0] INTERRUPTS PA3 PA2 PA1 PA0 IS20 IS21 EICR SENSITIVITY CONTROL PFOR.2 PFDDR.2 PF2 ei1 INTERRUPT SOURCE PORT F [2:0] INTERRUPTS PF2 PF1 PF0 |