| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72F521M Fiches technique(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521M Fiches technique(HTML) 127 Page - STMicroelectronics |
|
127 / 199 page ![]() ST72521M/R/AR 127/199 10.8 CONTROLLER AREA NETWORK (CAN) 10.8.1 Introduction This peripheral is designed to support serial data exchanges using a multi-master contention based priority scheme as described in CAN specification Rev. 2.0 part A. It can also be connected to a 2.0 B network without problems, since extended frames are checked for correctness and acknowledged accordingly although such frames cannot be trans- mitted nor received. The same applies to overload frames which are recognized but never initiated. Figure 67. CAN Block Diagram TX/RX Buffer 1 10 Bytes TX/RX Buffer 2 10 Bytes TX/RX Buffer 3 10 Bytes ID Filter 0 4 Bytes ID Filter 1 4 Bytes ST7 Interface PSR ICR ISR BRPR CSR TECR RECR CAN 2.0B passive Core SHREG BCDL CRC BTL RX TX EML ST7 Internal Bus BTR |