| Moteur de recherche de fiches techniques de composants électroniques |
|
MP2624GL Fiches technique(PDF) 37 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2624GL Fiches technique(HTML) 37 Page - Monolithic Power Systems |
|
37 / 45 page ![]() MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG MP2624 Rev.1.05 www.MonolithicPower.com 37 4/9/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. Vender/ Part/ Reversion Status Register/ Address: 0AH (Default: 0000 0100) Bit Symbol Description Read/ Write Default Bit 7 Reserved Read only (0) Bit 6 Reserved Read only (0) Part Number Bit 5 PN [2] MP2624 (000) Read only (000) Bit 4 PN [1] Bit 3 PN [0] Bit 2 NTC_TYPE 0 – Standard 1 – JEITA Read only (1) Revision Bit 1 Rev [1] Read only (00) Bit 0 Rev [0] |