Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP2624GL Fiches technique(PDF) 31 Page - Monolithic Power Systems

No de pièce MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Fiches technique(HTML) 31 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 27Page - Monolithic Power Systems MP2624GL Datasheet HTML 28Page - Monolithic Power Systems MP2624GL Datasheet HTML 29Page - Monolithic Power Systems MP2624GL Datasheet HTML 30Page - Monolithic Power Systems MP2624GL Datasheet HTML 31Page - Monolithic Power Systems MP2624GL Datasheet HTML 32Page - Monolithic Power Systems MP2624GL Datasheet HTML 33Page - Monolithic Power Systems MP2624GL Datasheet HTML 34Page - Monolithic Power Systems MP2624GL Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
31
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 23: Multi Read
If the register address is not defined, the charger
IC sends back NACK and returns to an idle state.
The charger device supports multi-read and
multi-write on REG00 through REG08.
The fault register REG09 locks the previous fault
and only clears it after the register is read. For
example, if the charge safety timer expiration
fault occurs but recovers later, the fault register
REG09 reports the fault when it is read the first
time; it returns to normal when it is read the
second time. To verify a real time fault, the fault
register REG09 should be read twice to get the
real condition. In addition, the fault register
REG09 does not support multi-read or multi-write.
REG09 is a fault register. It keeps all the fault
information from the last read until the host
issues a new read. For example, if there is a TS
fault but it is recovered immediately, the host still
sees the TS fault during the first read. In order to
get the present fault information, the host has to
read REG09 for the second time. REG09 does
not support multi-read and multi-write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45