Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7264N Fiches technique(PDF) 3 Page - ams AG

No de pièce AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7264N Fiches technique(HTML) 3 Page - ams AG

  AS7264N Datasheet HTML 1Page - ams AG AS7264N Datasheet HTML 2Page - ams AG AS7264N Datasheet HTML 3Page - ams AG AS7264N Datasheet HTML 4Page - ams AG AS7264N Datasheet HTML 5Page - ams AG AS7264N Datasheet HTML 6Page - ams AG AS7264N Datasheet HTML 7Page - ams AG AS7264N Datasheet HTML 8Page - ams AG AS7264N Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ams Datasheet
Page 3
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Pin Assignments
The device pin assignments are described below.
Figure 3:
Pin Diagram of AS7264N (Top View)
Pin Description
Figure 4:
Pin Description of AS7264N
Pin Number
Pin Name
Description
1
NF
Not functional. Do not connect.
2
RESN
Reset, active LOW
3
NF
Not functional. Do not connect.
4
NF
Not functional. Do not connect.
5
NF
Not functional. Do not connect.
6
NF
Not functional. Do not connect.
7
NF
Not functional. Do not connect.
8
NF
Not functional. Do not connect.
9
SCL_S
I²C slave clock pin
10
SDA_S
I²C slave data pin
11
NF
Not functional. Do not connect.
Pin Assignments
1
5
610
11
15
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41