Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7264N Fiches technique(PDF) 19 Page - ams AG

No de pièce AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7264N Fiches technique(HTML) 19 Page - ams AG

Back Button AS7264N Datasheet HTML 15Page - ams AG AS7264N Datasheet HTML 16Page - ams AG AS7264N Datasheet HTML 17Page - ams AG AS7264N Datasheet HTML 18Page - ams AG AS7264N Datasheet HTML 19Page - ams AG AS7264N Datasheet HTML 20Page - ams AG AS7264N Datasheet HTML 21Page - ams AG AS7264N Datasheet HTML 22Page - ams AG AS7264N Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
ams Datasheet
Page 19
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Detailed Descriptions
Interrupt and Polling Control Registers
0x22
INTR_PIN_Config
OPIN
FUNCT
0xF8
INTR_POLL_CLR
RESV
CLR
RESV
0xF9
INTR_POLL_EN
RESV
EN
RESV
LED Control Registers
0xEA
LED_DRV
RESV
ON_OFF
RESV
0x84
LED_IND
RESV
CURRENT
RESV
ON_OFF
Auto Zero and Temperature Control Registers
0xBA
Auto_Zero
RESV
C_EN
X_EN
Y_EN
Z_EN
0xD1
TMPH
Most Significant bits (9:2) of Temperature Measurement
0xD2
TMPL
RESV
TMPL
0xD3
TMP_Config
ISTAT
RESVSTRT
RESV
SRC
Sensor Control Registers
0xDB
BANK
BANK
RESV
0xB9
GAIN_IDRV
IDRV
RESV
GAIN
0xD9
INT_T
Integration Time
0xDA
WTIME
Wait Time
0xFA
DATA_EN
DL
RESV
WAIT
RESV
CON
PON
Sensor Data Registers
0xDC
NDATA_L
N Channel Low Byte
0xDD
NDATA_H
N Channel High Byte
0xDE
YDATA_L
Y Channel Low Byte
0xDF
YDATA_H
Y Channel High Byte
0xEC
ZDATA_L
Z Channel Low Byte
0xED
ZDATA_H
Z Channel High Byte
0xEE
XDATA_L
X Channel Low Byte
0xEF
XDATA_H
X Channel High Byte
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41