Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC7447 Fiches technique(PDF) 37 Page - ATMEL Corporation

No de pièce PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Fiches technique(HTML) 37 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 33Page - ATMEL Corporation PC7447 Datasheet HTML 34Page - ATMEL Corporation PC7447 Datasheet HTML 35Page - ATMEL Corporation PC7447 Datasheet HTML 36Page - ATMEL Corporation PC7447 Datasheet HTML 37Page - ATMEL Corporation PC7447 Datasheet HTML 38Page - ATMEL Corporation PC7447 Datasheet HTML 39Page - ATMEL Corporation PC7447 Datasheet HTML 40Page - ATMEL Corporation PC7447 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
37
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Figure 22. Test Access Port Timing Diagram
Note:
VM = Midpoint Voltage (OVDD/2)
Preparation for
Delivery
Handling
MOS devices must be handled with certain precautions to avoid damage due to accu-
mulation of static charge. Input protection devices have been designed in the chip to
minimize the effect of static buildup. However, the following handling practices are
recommended:
•
Devices should be handled on benches with conductive and grounded surfaces.
•
Ground test equipment, tools and operator.
•
Do not handle devices by the leads.
•
Store devices in conductive foam or carriers.
•
Avoid use of plastic, rubber or silk in MOS areas.
•
Maintain relative humidity above 50% if practical.
tJLOX
Input Data
Valid
tIVJH
tIXJH
tJLOV
tJLOZ
Output Data Valid
Output Data Valid
VM
TCK
TDI, TMS
TDO
TDO
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66