Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC7447 Fiches technique(PDF) 34 Page - ATMEL Corporation

No de pièce PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Fiches technique(HTML) 34 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 30Page - ATMEL Corporation PC7447 Datasheet HTML 31Page - ATMEL Corporation PC7447 Datasheet HTML 32Page - ATMEL Corporation PC7447 Datasheet HTML 33Page - ATMEL Corporation PC7447 Datasheet HTML 34Page - ATMEL Corporation PC7447 Datasheet HTML 35Page - ATMEL Corporation PC7447 Datasheet HTML 36Page - ATMEL Corporation PC7447 Datasheet HTML 37Page - ATMEL Corporation PC7447 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
34
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Figure 16 shows the L3 bus timing diagrams for the PC7457 interfaced to PB2 or Late Write SRAMs.
Figure 16. L3 Bus Timing Diagrams for Late Write or PB2 SRAMs
Note:
VM = Midpoint Voltage (GVDD/2)
Figure 17. AC Test Load
L3_ECHO_CLK[0,2]
VM
tL3DVEH
tL3DXEH
L3_CLK[0,1]
ADDR, L3_CNTL
VM
tL3CHOV
tL3CHOX
VM
tL3CHDZ
Outputs
Inputs
L3_ECHO_CLK[1,3]
tL3CHDV
tL3CHDX
tL3CHOZ
L3DATA WRITE
Parity Inputs
L3 Data and Data
Z0 = 50Ω
RL = 50Ω
OVDD/2
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66