Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR710F Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STR710F
Description  ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710F Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STR710F Datasheet HTML 41Page - STMicroelectronics STR710F Datasheet HTML 42Page - STMicroelectronics STR710F Datasheet HTML 43Page - STMicroelectronics STR710F Datasheet HTML 44Page - STMicroelectronics STR710F Datasheet HTML 45Page - STMicroelectronics STR710F Datasheet HTML 46Page - STMicroelectronics STR710F Datasheet HTML 47Page - STMicroelectronics STR710F Datasheet HTML 48Page - STMicroelectronics STR710F Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
STR71xF - ORDER CODES
47/49
4 ORDER CODES
Table 25. Order Codes
Partnumber
FLASH
Kbytes
RAM
Kbytes
EMI
USB
CAN
I/O
Ports
Package
Temp.
Range
STR710FZ1T6
128+16
32
Yes
Yes
Yes
48
TQFP144 20 x 20
-40 to
+85°C
STR710FZ2T6
256+16
64
STR710FZ1H6
128+16
32
Yes
Yes
Yes
48
LFBGA 10 x 10 1.7
STR710FZ2H6
256+16
64
STR711FR0H6
64+16
16
No
Yes
No
30
LFBGA64 8 x 8 1.7
STR711FR0T6
64+16
16
TQFP64 10x10
STR711FR1T6
128+16
32
STR711FR2T6
256+16
64
STR712FR0H6
64+16
16
No
Yes
32
LFBGA64 8 x 8 1.7
STR712FR0T6
64+16
16
TQFP64 10 x10
STR712FR1T6
128+16
32
STR712FR2T6
256+16
64
STR715FR0H6
64+16
16
No
LFBGA64 8 x 8 1.7
STR715FR0T6
64+16
16
TQFP64 10 x 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49