Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR710F Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STR710F
Description  ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710F Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STR710F Datasheet HTML 2Page - STMicroelectronics STR710F Datasheet HTML 3Page - STMicroelectronics STR710F Datasheet HTML 4Page - STMicroelectronics STR710F Datasheet HTML 5Page - STMicroelectronics STR710F Datasheet HTML 6Page - STMicroelectronics STR710F Datasheet HTML 7Page - STMicroelectronics STR710F Datasheet HTML 8Page - STMicroelectronics STR710F Datasheet HTML 9Page - STMicroelectronics STR710F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
STR71xF - INTRODUCTION
6/49
Watchdog
The 16-bit Watchdog Timer protects the application against hardware or software failures and
ensures recovery by generating a reset.
I/O Ports
The 48 I/O ports are programmable as Inputs or Outputs.
External Interrupts
Up to 14 external interrupts are available for application use or to wake-up the application from
STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49