Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC6255 Fiches technique(PDF) 1 Page - Linear Technology

No de pièce LTC6255
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 Fiches technique(HTML) 1 Page - Linear Technology

  LTC6255 Datasheet HTML 1Page - Linear Technology LTC6255 Datasheet HTML 2Page - Linear Technology LTC6255 Datasheet HTML 3Page - Linear Technology LTC6255 Datasheet HTML 4Page - Linear Technology LTC6255 Datasheet HTML 5Page - Linear Technology LTC6255 Datasheet HTML 6Page - Linear Technology LTC6255 Datasheet HTML 7Page - Linear Technology LTC6255 Datasheet HTML 8Page - Linear Technology LTC6255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
1
For more information www.linear.com/LTC6261
ApplicAtions
n
Micropower Active Filters
n
Portable Instrumentation
n
Battery or Solar Powered Systems
n
Automotive Electronics
n
Gain Bandwidth Product: 30MHz
n
Low Quiescent Current: 240µA
n
Op Amp Drives up to 1nF Capacitive Loads
n
Offset Voltage: 400µV Maximum
n
Rail-to-Rail Input and Output
n
Supply Voltage Range: 1.8V to 5.25V
n
Input Bias Current: 100nA Maximum
n
CMRR/PSRR: 100dB/95dB
n
Shutdown Current: 10µA Maximum
n
Operating Temperature Range: –40°C to 125°C
n
Single in 6-Lead TSOT-23, 2mm × 2mm DFN
Packages
n
Dual in 8-Lead MS8, MS10, TS0T-23, 2mm × 2mm
DFN Packages
n
Quad in MS16 Package
typicAl ApplicAtion
Description
30MHz, 240µA Power
Efficient Rail-to-Rail I/O
Op Amps
TheLTC®6261/LTC6262/LTC6263aresingle/dual/quadop-
erational amplifiers with low noise, low power, low supply
voltage, and rail-to-rail inputs and outputs. They are unity
gain stable with capacitive loads up to 1nF. They feature
30MHz gain-bandwidth product, 7V/µs slew rate while
consuming only 240µA of supply current per amplifier
operating on supply voltages ranging from 1.8V to 5.25V.
Thecombinationoflowsupplycurrent,lowsupplyvoltage,
high gain bandwidth product and low noise makes the
LTC6261 family unique among rail-to-rail input/output op
ampswithsimilarsupplycurrent.Theseoperationalampli-
fiers are ideal for low power and low noise applications.
For applications that require power-down, the LTC6261
and LTC6262 in MSOP-10 offer shutdown which reduces
the current consumption to 10µA maximum.
The LTC6261 family can be used as plug-in replacements
for many commercially available op amps to reduce power
and improve input/output range and performance.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Over-The-Top and C-Load are trademarks of Analog Devices, Inc. All other trademarks are the
property of their respective owners.
Low Power, Low Distortion ADC Driver
FeAtures
LTC6261 Driving LTC2362 ADC
626123 TA01b
VIN = –1dBFS, 5kHz
fS = 250kSps
SNR = 72dB
THD = –83.6dB
SFDR = 86dB
FREQUENCY (kHz)
0
10
20
30
40
50
60
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LTC6261
3.3V
3.3V
U1
IN
OUT
626123 TA01a
RF1
1.74k
RF2
2.74k
CF1
10pF
RFILT
100
CFILT
10nF
LTC2362
GND
CS
SDO
SCK
OVDD
AIN
VDD
VREF


Numéro de pièce similaire - LTC6255

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6255 LINER-LTC6255 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6255 AD-LTC6255 Datasheet
802Kb / 26P
6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
Rev E
More results

Description similaire - LTC6255

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com