Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC6255 Fiches technique(PDF) 7 Page - Linear Technology

No de pièce LTC6255
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 Fiches technique(HTML) 7 Page - Linear Technology

Back Button LTC6255 Datasheet HTML 3Page - Linear Technology LTC6255 Datasheet HTML 4Page - Linear Technology LTC6255 Datasheet HTML 5Page - Linear Technology LTC6255 Datasheet HTML 6Page - Linear Technology LTC6255 Datasheet HTML 7Page - Linear Technology LTC6255 Datasheet HTML 8Page - Linear Technology LTC6255 Datasheet HTML 9Page - Linear Technology LTC6255 Datasheet HTML 10Page - Linear Technology LTC6255 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
7
For more information www.linear.com/LTC6261
typicAl perForMAnce chArActeristics
VOS TC (–40°C to 125°C)
VOS vs Supply Voltage (25°C)
VOS vs Common Mode
Voltage
VOS vs IOUT
Input Bias Current vs Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
Input VOS Histogram
Input VOS Histogram
VOS vs Temperature
VS = ±2.5V
VCM = 0V
VOS (µV)
–350 –250 –150 –50
50
150 250 350
0
10
20
30
40
50
626123 G01
VS = ±2.5V
VCM = 2.2V
VOS (µV)
–350 –250 –150 –50
50
150 250 350
0
10
20
30
40
50
626123 G02
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–100
–80
–60
–40
–20
0
20
40
60
80
100
626123 G03
VS = ±2.5V
VCM = 0V
DISTRIBUTION (µV/°C)
–0.5
–0.3
–0.1
0.1
0.3
0.5
0
3
6
9
12
15
626123 G04
HGRADE
IND
VS = ±2.5V
VCM=0V
Vcm = 0.4V
SUPPLY VOLTAGE (V)
1.8
2.4
3.0
3.6
4.2
4.8
5.4
–100
–80
–60
–40
–20
0
20
40
60
80
100
626123 G05
Vs = 5V
VCM (V)
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
–500
–400
–300
–200
–100
0
100
200
300
400
500
626123 G06
VS = ±2.5V
VCM = 0V
125°C
25°C
–40°C
IOUT (mA)
5
4
3
2
1
0 –1 –2 –3 –4 –5
–1
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
626123 G07
VS = 5V
VCM (V)
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
–1000
–800
–600
–400
–200
0
200
400
600
800
1000
626123 G08
+IN
–IN
VS = 1.8V
+IN
–IN
VCM (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
–4
–3
–2
–1
0
1
2
626123 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com