Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM8056 Fiches technique(PDF) 10 Page - Linear Technology

No de pièce LTM8056
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Fiches technique(HTML) 10 Page - Linear Technology

Back Button LTM8056 Datasheet HTML 6Page - Linear Technology LTM8056 Datasheet HTML 7Page - Linear Technology LTM8056 Datasheet HTML 8Page - Linear Technology LTM8056 Datasheet HTML 9Page - Linear Technology LTM8056 Datasheet HTML 10Page - Linear Technology LTM8056 Datasheet HTML 11Page - Linear Technology LTM8056 Datasheet HTML 12Page - Linear Technology LTM8056 Datasheet HTML 13Page - Linear Technology LTM8056 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
LTC7813
10
7813f
For more information www.linear.com/LTC7813
pin FuncTions
SW1, SW2 (Pins 1, 30): Switch Node Connections to
Inductors.
TG1, TG2 (Pins 2, 29): High Current Gate Drives for Top
N-Channel MOSFETs. These are the outputs of floating
driverswithavoltageswingequaltoDRVCCsuperimposed
on the switch node voltage SW.
TRACK/SS1, SS2 (Pins 3, 23): External Tracking and Soft-
Start Input. For the buck channel, the LTC7813 regulates
the VFB1 voltage to the smaller of 0.8V, or the voltage on
the TRACK/SS1 pin. For the boost channel, the LTC7813
regulates the VFB2 voltage to the smaller of 1.2V, or the
voltage on the SS2 pin. An internal 10µA pull-up current
source is connected to this pin. A capacitor to ground at
thispinsetstheramptimetofinalregulatedoutputvoltage.
Alternatively, a resistor divider on another voltage supply
connectedtotheTRACK/SS1pinallowstheLTC7813buck
output to track the other supply during start-up.
VPRG2 (Pin 4): Channel 2 Output Control Pin. This pin
sets the boost channel to adjustable output mode using
external feedback resistors or fixed 10V/12V output mode
using internal resistive dividers. Grounding this pin allows
the output to be programmed through the VFB2 pin using
external resistors, regulating VFB2 to the 1.2V reference.
Floating this pin or connecting it to INTVCC programs the
output to 10V or 12V (respectively), with VFB2 used to
sense the output voltage.
ITH1, ITH2 (Pins 5, 20): Error Amplifier Outputs and
Switching Regulator Compensation Points. Each associ-
ated channel’s current comparator trip point increases
with this control voltage.
VFB1(Pin6):Thispinreceivestheremotelysensedfeedback
voltage for the buck controller from an external resistive
divider across the output.
SENSE1+, SENSE2+ (Pins 7, 12): The (+) Input to the
Differential Current Comparators. The ITH pin voltage and
controlled offsets between the SENSEand SENSE+ pins
in conjunction with RSENSE set the current trip threshold.
For the boost channel, the SENSE2+ pin supplies current
to the current comparator.
SENSE1, SENSE2(Pins 8, 13): The (–) Input to the
Differential Current Comparators. When SENSE1for the
buck channel is greater than INTVCC, the SENSE1pin
supplies current to the current comparator.
FREQ (Pin 9): The frequency control pin for the internal
VCO. Connecting this pin to GND forces the VCO to a fixed
low frequency of 350kHz. Connecting this pin to INTVCC
forces the VCO to a fixed high frequency of 535kHz.
Other frequencies between 50kHz and 900kHz can be
programmed using a resistor between FREQ and GND.
The resistor and an internal 20µA source current create a
voltage used by the internal oscillator to set the frequency.
Typical perForMance characTerisTics
Start-Up
Buck Inductor Current at Light
Load
Boost Inductor Current at Light
Load
5ms/DIV
VOUT
5V/DIV
RUN
5V/DIV
7813 G37
FIGURE 15 CIRCUIT
5µs/DIV
FIGURE 15 CIRCUIT
VIN = 32V
VOUT = 24V
IOUT = 1mA
IL1
2A/DIV
7813 G38
FORCED CONTINUOUS MODE
Burst Mode OPERATION
PULSE-SKIPPING MODE
5µs/DIV
FIGURE 15 CIRCUIT
VIN = 18V
VOUT = 24V
IOUT = 1mA
IL2
2A/DIV
7813 G39
FORCED CONTINUOUS MODE
Burst Mode OPERATION
PULSE-SKIPPING MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com