| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC2411 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2411 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 25 page ![]() 13/25 STLC2411 Technical perspective - Extended SCO eSCO incorporates CRC, negotiable data rate, negotiable retransmission window and multi-slot packets. Retransmission of lost or corrupted packets during the retransmission window guarantees on-time deliv- ery. Figure 4. eSCO 7.7 V1.2 detailed functionality - Adaptive Frequency Hopping User Perspective - Adaptive Frequency Hopping In the Bluetooth spec 1.1 the Bluetooth devices hop in the 2.4 GHz band over 79-channels. Since WLAN 802.11 has become popular, there are specification improvements in the 1.2-SIG spec for Bluetooth where the Bluetooth units can avoid the jammed bands and thereby provide an improved co-existence with WLAN. Technical perspective - Adaptive Frequency Hopping Figure 5. AFH First the Master and/or the Slaves identify the jammed channels. The Master decides on the channel dis- tribution and informs the involved slaves. The Master and the Slaves, at a predefined instant, switch to the new channel distribution scheme. No longer jammed channels are re-inserted into the channel distribution scheme. AFH uses the same hop frequency for transmission as for reception. SCO SCO SCO SCO ACL ACL SCO SCO eSCO retransmission window t t WLAN used frequency WLAN used frequency t f f AFH(79) AFH(19<N<79) |