| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P257AP Fiches technique(PDF) 74 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257AP Fiches technique(HTML) 74 Page - ELAN Microelectronics Corp |
|
74 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 74 6.3 Device Characteristic The graphs provided following note that based on a limited number of samples and they are provided for information only. The device characteristic listed herein is not guaranteed. In some graphs, the data maybe out of the specified operating warranted range. Vih/Vil (Input pins with inverter) 0 0.5 1 1.5 2 2.3 2.8 3.3 3.8 4.3 4.8 5.3 Vdd(Volt) Fig. 31 Vth (Threshold voltage) of Port5, Port6 and Port7 vs. VDD max (-0 ℃ to 70℃) typ 25 ℃ min (-0 ℃ to 70℃) |