| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P257AP Fiches technique(PDF) 45 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257AP Fiches technique(HTML) 45 Page - ELAN Microelectronics Corp |
|
45 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 45 CIN4 - CIN2 - (Normal I/O) C1 C2 C3 C4 CIN1+ CIN1 - CIN2+ CIN3+ CIN4+ CO1 CO2 CO3 CO4 CIN3 - (Normal I/O) + - + - + - + - 2. Comparator Outputs • The compared result are stored in the CMPOUT of R9 • The comparator outputs can output to P51, P52, P63 and P64 by programming Bits 4, 5, 6, and 7 <IOC90> of the CMP control register to 1 • P52, P51, P63 and P64 must be configured as output if implemented • Fig. 17 shows the comparator output block diagram. Q Q EN EN D D To C0 To CMPXIF To CMPOUT COIEX COIEX CMPXIE RESET From OP I/O CEX Fig. 17 The Output Configuration of a Comparator 3. Programming the Related Registers |