Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP8867 Fiches technique(PDF) 5 Page - Monolithic Power Systems

No de pièce MP8867
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867 Fiches technique(HTML) 5 Page - Monolithic Power Systems

  MP8867 Datasheet HTML 1Page - Monolithic Power Systems MP8867 Datasheet HTML 2Page - Monolithic Power Systems MP8867 Datasheet HTML 3Page - Monolithic Power Systems MP8867 Datasheet HTML 4Page - Monolithic Power Systems MP8867 Datasheet HTML 5Page - Monolithic Power Systems MP8867 Datasheet HTML 6Page - Monolithic Power Systems MP8867 Datasheet HTML 7Page - Monolithic Power Systems MP8867 Datasheet HTML 8Page - Monolithic Power Systems MP8867 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
5
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to 125°C
(7), unless otherwise noted. Typical value is based on the average
value when TJ = 25
oC.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power good de-glitch time
PGTd
100
160
μs
OVP discharge resistor
ROV
From VOUT to GND
35
70
OVP rising threshold
VEN_Rise
VOUT and FB,
TJ = 25°C
114%
120%
126%
VREF
VOUT and FB,
TJ = -40°C to 125°C
113%
127%
OVP falling threshold
VEN Fall
VOUT and FB
101%
105%
108%
VREF
Soft-start current
iSS
7
10
12
μA
VCC voltage
VCC
TJ = -40°C to 125°C
4.75
4.95
5.1
V
VCC load regulation
ICC = 5mA
1
3
%
Thermal shutdown
(8)
TTSD
160
°C
Thermal hysteresis
(8)
TTSD HYS
20
°C
NOTES:
7) Not tested in production and guaranteed by over-temperature correlation.
8) Guaranteed by design and characterization test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com