Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH225FA Fiches technique(PDF) 1 Page - OSRAM GmbH

No de pièce SFH225FA
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH225FA Fiches technique(HTML) 1 Page - OSRAM GmbH

  SFH225FA Datasheet HTML 1Page - OSRAM GmbH SFH225FA Datasheet HTML 2Page - OSRAM GmbH SFH225FA Datasheet HTML 3Page - OSRAM GmbH SFH225FA Datasheet HTML 4Page - OSRAM GmbH SFH225FA Datasheet HTML 5Page - OSRAM GmbH SFH225FA Datasheet HTML 6Page - OSRAM GmbH SFH225FA Datasheet HTML 7Page - OSRAM GmbH SFH225FA Datasheet HTML 8Page - OSRAM GmbH SFH225FA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2014-01-13
1
2014-01-13
Silicon PIN Photodiode with Daylight Blocking Filter
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Version 1.1
SFH 225 FA
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• Especially suitable for applications of 880 nm
• Speziell geeignet für Anwendungen bei 880 nm
• Short-switching time (typ. 20 ns)
• Kurze Schaltzeit (typ. 20 ns)
• 5 mm LED plastic package
• 5 mm-Plastikbauform im LED-Gehäuse
• Also available on tape and reel
• Auch gegurtet lieferbar
Applications
Anwendungen
• Photointerrupters
• Lichtschranken
• IR remote control of hi-fi and TV sets, video tape
recorders, dimmers, remote controls of various
equipment
• IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern, Lichtdimmern,
Gerätefernsteuerungen
Type:
Photocurrent
Ordering Code
Typ:
Fotostrom
Bestellnummer
= 870 nm, Ee = 1 mW/cm2, VR = 5 V
IP [μA]
SFH 225 FA
34 ( 25)
Q62702P1051


Numéro de pièce similaire - SFH225FA

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SFH225FA SIEMENS-SFH225FA Datasheet
68Kb / 4P
Silicon PIN Photodiode with Daylight Filter
More results

Description similaire - SFH225FA

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205F OSRAM-SFH205F_15 Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com