| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8849 Fiches technique(PDF) 9 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8849 Fiches technique(HTML) 9 Page - Active-Semi, Inc |
|
9 / 35 page ![]() ACT8849 Rev PrB, 12-Jun-14 Innovative PowerTM - 9 - www.active-semi.com Copyright © 2014 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute ActivePMU TM is a trademark of Active-Semi. I2CTM is a trademark of NXP. GLOBAL REGISTER MAP CONT’D : Default values of ACT8849QM614-T. BLOCK ADDRESS BITS D7 D6 D5 D4 D3 D2 D1 D0 SYS 0x00 NAME nBAT- LEVMSK nBATSTAT VBATDAT Reserved BATLEV[3] BATLEV[2] BATLEV[1] BATLEV[0] DEFAULT 0 R R 0 1 0 0 1 SYS 0x01 NAME nTMSK TSTAT Reserved Reserved Reserved Reserved Reserved Reserved DEFAULT 0 R 0 0 0 0 0 0 REG1 0x10 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 0 1 1 0 1 0 0 REG1 0x11 NAME Reserved Reserved VSET1[5] VSET1[4] VSET1[3] VSET1[2] VSET1[1] VSET1[0] DEFAULT 0 0 1 1 0 1 0 0 REG1 0x12 NAME ON Reserved Reserved Reserved Reserved PHASE nFLTMSK OK DEFAULT 0 1 0 0 0 0 0 R REG2 0x20 NAME Reserved Reserved VSET0[5] VSET0[4] VSET0[3] VSET0[2] VSET0[1] VSET0[0] DEFAULT 0 0 0 1 1 0 0 0 REG2 0x21 NAME Reserved Reserved VSET1[5] VSET1[4] VSET1[3] VSET1[2] VSET1[1] VSET1[0] DEFAULT 0 0 0 1 1 0 0 0 REG2 0x22 NAME ON Reserved Reserved Reserved Reserved PHASE nFLTMSK OK DEFAULT 0 1 0 0 0 0 0 R REG3 0x30 NAME Reserved Reserved VSET0[5] VSET0[4] VSET0[3] VSET0[2] VSET0[1] VSET0[0] DEFAULT 0 0 1 0 1 0 0 0 REG3 0x31 NAME Reserved Reserved VSET1[5] VSET1[4] VSET1[3] VSET1[2] VSET1[1] VSET1[0] DEFAULT 0 0 1 0 1 0 0 0 REG3 0x32 NAME ON Reserved Reserved Reserved Reserved PHASE nFLTMSK OK DEFAULT 1 1 0 0 0 1 0 R REG4 0x40 NAME Reserved Reserved VSET0[5] VSET0[4] VSET0[3] VSET0[2] VSET0[1] VSET0[0] DEFAULT 0 0 1 1 0 1 0 0 REG4 0x41 NAME Reserved Reserved VSET1[5] VSET1[4] VSET1[3] VSET1[2] VSET1[1] VSET1[0] DEFAULT 0 0 1 1 0 1 0 0 REG4 0x42 NAME ON Reserved Reserved Reserved Reserved PHASE nFLTMSK OK DEFAULT 0 1 0 0 0 1 0 R REG5 0x50 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 0 0 1 0 0 REG5 0x51 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 0 0 1 0 R REG6 0x58 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 0 0 1 0 0 REG6 0x59 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 1 0 1 0 R |