| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8849 Fiches technique(PDF) 35 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8849 Fiches technique(HTML) 35 Page - Active-Semi, Inc |
|
35 / 35 page ![]() ACT8849 Rev PrB, 12-Jun-14 Innovative PowerTM - 35 - www.active-semi.com Copyright © 2014 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute ActivePMU TM is a trademark of Active-Semi. I2CTM is a trademark of NXP. TQFN66-48 PACKAGE OUTLINE AND DIMENSIONS Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in this datasheet, nor does it convey any patent license. Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@active-semi.com or visit http://www.active-semi.com. is a registered trademark of Active-Semi. SYMBOL DIMENSION IN MILLIMETERS DIMENSION IN INCHES MIN MAX MIN MAX A 0.700 0.800 0.032 0.036 A1 0.200 REF 0.008 REF b 0.150 0.250 0.006 0.010 D 6.00 0.24 E 6.00 D2 4.15 4.40 0.166 0.176 E2 4.15 4.40 0.166 0.176 e 0.400 BSC 0.016 BSC L 0.300 0.500 0.012 0.020 R 0.300 0.012 0.24 A2 0.000 0.000 0.050 0.002 |