| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8846 Fiches technique(PDF) 10 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8846 Fiches technique(HTML) 10 Page - Active-Semi, Inc |
|
10 / 44 page ![]() ACT8846 Rev 7.0 06-Dec-2017 Innovative PowerTM - 10 - www.active-semi.com Copyright © 2016-2017 Active-Semi, Inc. ActivePMUTM is a trademark of Active-Semi. I2CTM is a trademark of NXP. BLOCK ADDRESS BITS D7 D6 D5 D4 D3 D2 D1 D0 REG9 0x70 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 1 1 0 0 1 REG9 0x71 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 0 1 1 0 R REG10 0x80 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 1 1 0 0 1 REG10 0x81 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 0 1 1 0 R REG11 0x90 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 0 0 1 0 0 REG11 0x91 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 1 1 0 0 1 1 0 R REG12 0xA0 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 1 0 1 0 0 REG12 0xA1 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 0 1 1 0 R REG13 0xB1 NAME ON Reserved Reserved Reserved Reserved Reserved Reserved Reserved DEFAULT 1 0 0 0 0 0 0 0 PB 0xC0 NAME PBAMSK PBDMSK Reserved Reserved Reserved Reserved WDSREN WDPCEN DEFAULT 0 0 0 0 0 0 0 0 PB 0xC1 NAME INTADR [7] INTADR [6] INTADR [5] INTADR [4] INTADR [3] INTADR [2] INTADR [1] INTADR [0] DEFAULT R R R R R R R R PB 0xC2 NAME PBASTAT PBDSTAT PBDAT Reserved Reserved Reserved Reserved Reserved DEFAULT R R R R R R R R PB 0xC3 NAME Reserved Reserved Reserved OFFSYS OFFSYSCLR Reserved Reserved SIPC DEFAULT 0 0 0 0 0 0 0 0 PB 0xC5 NAME Reserved Reserved Reserved Reserved Reserved Reserved PCSTAT SRSTAT DEFAULT 0 0 0 0 0 0 R R GPIO6 0xE3 NAME PWM6EN FRE6[2] FRE6[1] FRE6[0] DUTY6[3] DUTY6[2] DUTY6[1] DUTY6[0] DEFAULT 0 0 0 0 0 0 0 0 GPIO5 NAME PWM5EN FRE5[2] FRE5[1] FRE5[0] DUTY5[3] DUTY5[2] DUTY5[1] DUTY5[0] 0xE4 DEFAULT 0 0 0 0 0 0 0 0 GPIO3 0xF4 NAME PWM3EN FRE3[2] FRE3[1] FRE3[0] DUTY3[3] DUTY3[2] DUTY3[1] DUTY3[0] DEFAULT 1 1 0 1 0 1 1 1 GPIO4 0xF5 NAME PWM4EN FRE4[2] FRE4[1] FRE4[0] DUTY4[3] DUTY4[2] DUTY4[1] DUTY4[0] DEFAULT 0 0 0 0 0 0 0 0 GLOBAL REGISTER MAP CONT’D : Default values of ACT8846QM468-T. |