| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8846 Fiches technique(PDF) 16 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8846 Fiches technique(HTML) 16 Page - Active-Semi, Inc |
|
16 / 44 page ![]() ACT8846 Rev 7.0 06-Dec-2017 Innovative PowerTM - 16 - www.active-semi.com Copyright © 2016-2017 Active-Semi, Inc. ActivePMUTM is a trademark of Active-Semi. I2CTM is a trademark of NXP. REGISTER AND BIT DESCRIPTIONS CONT’D BLOCK ADDRESS BIT NAME ACCESS DESCRIPTION GPIO6 0xE3 [7] PWM6EN R/W PWM Function Enable. Set 1 to enable PWM function of GPIO6. GPIO6 0xE3 [6:4] FRE6 R/W PWM Frequency Selection Bits for GPIO6. See the Table 6 for code to frequency cross. GPIO6 0xE3 [3:0] DUTY6 R/W Duty Cycle Selection Bits for GPIO6. See the Table 7 for code to duty cross. GPIO5 0xE4 [7] PWM5EN R/W PWM Function Enable. Set 1 to enable PWM function of GPIO5. GPIO5 0xE4 [6:4] FRE5 R/W PWM Frequency Selection Bits for GPIO5. See the Table 6 for code to frequency cross. GPIO5 0xE4 [3:0] DUTY5 R/W Duty Cycle Selection Bits for GPIO5. See the Table 7 for code to duty cross. GPIO3 0xF4 [7] PWM3EN R/W PWM Function Enable. Set 1 to enable PWM function of GPIO3. GPIO3 0xF4 [6:4] FRE3 R/W PWM Frequency Selection Bits for GPIO3. See the Table 6 for code to frequency cross. GPIO3 0xF4 [3:0] DUTY3 R/W Duty Cycle Selection Bits for GPIO3. See the Table 7 for code to duty cross. GPIO4 0xF5 [7] PWM4EN R/W PWM Function Enable. Set 1 to enable PWM function of GPIO4. GPIO4 0xF5 [6:4] FRE4 R/W PWM Frequency Selection Bits for GPIO4. See the Table 6 for code to frequency cross. GPIO4 0xF5 [3:0] DUTY4 R/W Duty Cycle Selection Bits for GPIO4. See the Table 7 for code to duty cross. |