| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52X420 Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52X420 Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 84 page ![]() ST52T410/ST52T420/E420 77/84 Subject to general operating condition for VDD, fosc, and TA, unless otherwise specified. Figure 11.14 Port A and Port C pin Equivalent Circuit Figure 11.15 Port B Pin Equivalent Circuit Table 11.12 Output Driving Current Symbol Parameter Test Conditions Min Typ Max Unit RS Input protection resistor All input Pins 1 k Ω CS Pin Capacitance All input Pins 5 pF V Input/Output Device SS V CS V SS S R OUT VIN VDD V V Device V V V R DD SS SS IN OUT S CS Input/Output |