| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52X420 Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52X420 Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 84 page ![]() ST52T410/ST52T420/E420 65/84 Table 10.10 Input Registers 13. PWM_0_STATUS Bit Name Value Description 0STR0 0 TIMER 0 is STOP 1 TIMER 0 START 1 RST0 0 TIMER 0 is RESET 1 TIMER 0 is NOT RESET 2 - - - not used 3 - - - not used 4 - - - not used 5 - - - not used 6 - - - not used 7 - - - not used Table 10.11 Input Registers 15. PWM_1_STATUS Bit Name Value Description 0 STR1S 0 TIMER 1 is STOP 1 TIMER 1 is START 1 RST1S 0 TIMER 1 is RESET 1 TIMER 1 is NOT 2 - - - not used 3 - - - not used 4 - - - not used 5 - - - not used 6 - - - not used 7 - - - not used Table 10.12 Input Registers 17. PWM_2_STATUS Bit Name Value Description 0 STR2 0 TIMER 2 is STOP 1 TIMER 2 is START 1 RST2 0 TIMER 2 is RESET 1 TIMER 2 is NOT RESET 2 - - - not used 3 - - - not used 4 - - - not used 5 - - - not used 6 - - - not used 7 - - - not used |