| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F818-E/ML Fiches technique(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F818-E/ML Fiches technique(HTML) 54 Page - Microchip Technology |
|
54 / 176 page ![]() PIC16F818/819 DS39598E-page 52 2004 Microchip Technology Inc. FIGURE 5-15: BLOCK DIAGRAM OF RB7 PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR T1OSCEN Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. PGD PGD 1 0 Port/Program Mode/ICD Analog TTL Input Buffer Input Mode To T1OSI Input 1 0 PGD DRVEN T1OSCEN WR TRISB |