| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F818-E/ML Fiches technique(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F818-E/ML Fiches technique(HTML) 43 Page - Microchip Technology |
|
43 / 176 page ![]() 2004 Microchip Technology Inc. DS39598E-page 41 PIC16F818/819 FIGURE 5-5: BLOCK DIAGRAM OF RA5/MCLR/VPP PIN FIGURE 5-6: BLOCK DIAGRAM OF RA6/OSC2/CLKO PIN D Q EN MCLR Filter RA5/MCLR/VPP RD Port MCLR Circuit MCLRE MCLRE Data Bus RD TRIS Schmitt Trigger Buffer VSS VSS Schmitt Trigger Input Buffer Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA VSS VDD RA6/OSC2/CLKO Q D Q CK D Q EN Oscillator Circuit From OSC1 (FOSC = 1x0,011) P N VSS VDD CLKO (FOSC/4) VDD Note 1: I/O pins have protection diodes to VDD and VSS. 2: CLKO signal is 1/4 of the FOSC frequency. (FOSC = 1x1) VSS Schmitt Trigger Input Buffer (FOSC = 1x0,011) |