| Moteur de recherche de fiches techniques de composants électroniques |
|
CBW Fiches technique(PDF) 20 Page - Wall Industries,Inc. |
|
|
|||||||||||||||||||||||||||||
CBW Fiches technique(HTML) 20 Page - Wall Industries,Inc. |
|
20 / 34 page ![]() Rev D CBW SERIES Up to 30 Watts, DC/DC Power Converters 11/29/2017 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778- 9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 20 of 34 CHARACTERISTIC CURVES *Curves for CBW48S2.5-8000. All test conditions are at 25ºC. Efficiency vs. Output Load Efficiency vs. Input Voltage, Full Load Power Dissipation vs. Output Load Derating Output Load vs. Ambient Temp. & Airflow Vin=Vin(nom) Typ. Output Ripple & Noise, Vin=Vin(nom), Full Load Transient Response to Dynamic Load Change from 100% to 75% to 100% of Full Load, Vin=Vin(nom) Typical Input Start-Up & Output Rise Characteristic Vin=Vin(nom), Full Load Using ON/OFF Voltage Start-Up and Vout Rise Characteristic Vin=Vin(nom), Full Load |