Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBW Fiches technique(PDF) 18 Page - Wall Industries,Inc.

No de pièce CBW
Description  Up to 30 Watts, DC/DC Power Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW Fiches technique(HTML) 18 Page - Wall Industries,Inc.

Back Button CBW Datasheet HTML 14Page - Wall Industries,Inc. CBW Datasheet HTML 15Page - Wall Industries,Inc. CBW Datasheet HTML 16Page - Wall Industries,Inc. CBW Datasheet HTML 17Page - Wall Industries,Inc. CBW Datasheet HTML 18Page - Wall Industries,Inc. CBW Datasheet HTML 19Page - Wall Industries,Inc. CBW Datasheet HTML 20Page - Wall Industries,Inc. CBW Datasheet HTML 21Page - Wall Industries,Inc. CBW Datasheet HTML 22Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 18 of 34
CHARACTERISTIC CURVES
*Curves for CBW24S15-2000. All test conditions are at 25ºC.
Efficiency vs. Output Load
Efficiency vs. Input Voltage, Full Load
Power Dissipation vs. Output Load
Derating Output Load vs. Ambient Temp. & Airflow Vin=Vin(nom)
Typ. Output Ripple & Noise, Vin=Vin(nom), Full Load
Transient Response to Dynamic Load Change
from 100% to 75% to 100% of Full Load, Vin=Vin(nom)
Typical Input Start-Up & Output Rise Characteristic
Vin=Vin(nom), Full Load
Using ON/OFF Voltage Start-Up and Vout Rise Characteristic
Vin=Vin(nom), Full Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34