Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S71PL254 Fiches technique(PDF) 13 Page - SPANSION

No de pièce S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Fiches technique(HTML) 13 Page - SPANSION

Back Button S71PL254 Datasheet HTML 9Page - SPANSION S71PL254 Datasheet HTML 10Page - SPANSION S71PL254 Datasheet HTML 11Page - SPANSION S71PL254 Datasheet HTML 12Page - SPANSION S71PL254 Datasheet HTML 13Page - SPANSION S71PL254 Datasheet HTML 14Page - SPANSION S71PL254 Datasheet HTML 15Page - SPANSION S71PL254 Datasheet HTML 16Page - SPANSION S71PL254 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 196 page
background image
November 22, 2004 S71PL254/127/064/032J_00_A6
13
Advance
I n f o rmatio n
if the package body is exposed to temperatures above 150°C for prolonged peri-
ods of time.
Pin Description
A21–A0
=
22 Address Inputs (Common)
DQ15–DQ0
=
16 Data Inputs/Outputs (Common)
CE1#f
=
Chip Enable 1 (Flash)
CE#f2
=
Chip Enable 2 (Flash)
CE1#ps
=
Chip Enable 1 (pSRAM)
CE2ps
=
Chip Enable 2 (pSRAM)
OE#
=
Output Enable (Common)
WE#
=
Write Enable (Common)
RY/BY#
=
Ready/Busy Output (Flash 1)
UB#
=
Upper Byte Control (pSRAM)
LB#
=
Lower Byte Control (pSRAM)
RESET#
=
Hardware Reset Pin, Active Low (Flash 1)
WP#/ACC
=
Hardware Write Protect/Acceleration Pin (Flash)
VCCf
=
Flash 3.0 volt-only single power supply (see Product
Selector Guide for speed options and voltage supply
tolerances)
VCCps
=
pSRAM Power Supply
VSS
=
Device Ground (Common)
NC
=
Pin Not Connected Internally
Logic Symbol
22
16
DQ15–DQ0
A21–A0
CE1#f
OE#
WE#
RESET#
RY/BY#
WP#/ACC
UB#
CE2#f
CE2ps
CE1#ps
LB#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More