Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S71PL254 Fiches technique(PDF) 9 Page - SPANSION

No de pièce S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Fiches technique(HTML) 9 Page - SPANSION

Back Button S71PL254 Datasheet HTML 5Page - SPANSION S71PL254 Datasheet HTML 6Page - SPANSION S71PL254 Datasheet HTML 7Page - SPANSION S71PL254 Datasheet HTML 8Page - SPANSION S71PL254 Datasheet HTML 9Page - SPANSION S71PL254 Datasheet HTML 10Page - SPANSION S71PL254 Datasheet HTML 11Page - SPANSION S71PL254 Datasheet HTML 12Page - SPANSION S71PL254 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 196 page
background image
November 22, 2004 S71PL254/127/064/032J_00_A6
9
Advance
I n f o rmatio n
Connection Diagram (S71PL032J)
Notes:
1. May be shared depending on density.
— A19 is shared for the 16M pSRAM configuration.
— A18 is shared for the 8M (p)SRAM and above configurations.
2. Connecting all Vcc and Vss balls to Vcc and Vss is recommended.
MCP
Flash-only Addresses
Shared Addresses
S71PL032JA0
A20
A19-A0
S71PL032J80
A20-A19
A18-A0
S71PL032J08
A20-A19
A18-A0
S71PL032J40
A20-A18
A17-A0
S71PL032J04
A20-A18
A17-A0
C3
UB#
D3
A18
E3
A17
F3
DQ1
G3
DQ9
H3
DQ10
DQ2
B3
LB#
C5
CE2s
A20
G5
DQ4
H5
VCCs
RFU
B5
WE#
C6
A19
D6
A9
E6
A10
F6
DQ6
G6
DQ13
H6
DQ12
DQ5
B6
A8
C4
RST#f
RY/BY#
G4
DQ3
H4
VCCf
DQ11
B4
WP/ACC
C7
A12
D7
A13
E7
A14
F7
RFU
G7
DQ15
H7
DQ7
DQ14
B7
A11
C8
A15
D8
RFU
E8
RFU
F8
A16
G8
RFU
VSS
C2
A6
D2
A5
E2
A4
F2
VSS
G2
OE#
H2
DQ0
CE1#s
DQ8
B2
A7
C1
A3
D1
A2
E1
A1
F1
A0
G1
CE1#f
F5
F4
B1
B8
A3
A5
A6
A4
A7
A2
RAM only
Shared
(Note 1)
Flash only
Legend
Reserved for
Future Use
56-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More