| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12CE673-04/P Fiches technique(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673-04/P Fiches technique(HTML) 57 Page - Microchip Technology |
|
57 / 129 page ![]() © 1999 Microchip Technology Inc. DS30561B-page 57 PIC12C67X FIGURE 9-6: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q Weak Pull-up GP3/MCLR/VPP Pin VDD OSC1/ WDT Module VDD rise detect OST/PWRT On-chip(1) RC OSC WDT Time-out Power-on Reset OST PWRT Chip_Reset 10-bit Ripple-counter Enable OST Enable PWRT SLEEP See Table 9-4 for time-out situations. Note 1: This is a separate oscillator from the RC oscillator of the CLKIN pin. CLKIN Pin 10-bit Ripple-counter MCLRE INTERNAL MCLR |