Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12CE673-04/P Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Fiches technique(HTML) 26 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 22Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 23Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 24Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 25Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 26Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 27Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 28Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 29Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 129 page
background image
PIC12C67X
DS30561B-page 26
© 1999 Microchip Technology Inc.
FIGURE 5-1:
BLOCK DIAGRAM OF GP0/AN0 AND GP1/AN1/VREF PIN
Data Bus
P
N
WR PORT
WR TRIS
RD TRIS
VDD
Data Latch
DQ
CK
Q
TRIS Latch
VDD
P
VDD
D
Q
EN
RD PORT
To A/D Converter
Analog
Input
Mode
TTL
Input
Buffer
I/O Pin
GPPU
VSS
DQ
CK
Q
VSS
GP0/INT(1) and GP1/INT(1)
Note 1: Wake-up on pin change interrupts for GP0 and GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More