Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLV6B-FKB Fiches technique(PDF) 7 Page - Cree, Inc

No de pièce CLV6B-FKB
Description  PLCC6 3-in-1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CLV6B-FKB Fiches technique(HTML) 7 Page - Cree, Inc

Back Button CLV6B-FKB Datasheet HTML 3Page - Cree, Inc CLV6B-FKB Datasheet HTML 4Page - Cree, Inc CLV6B-FKB Datasheet HTML 5Page - Cree, Inc CLV6B-FKB Datasheet HTML 6Page - Cree, Inc CLV6B-FKB Datasheet HTML 7Page - Cree, Inc CLV6B-FKB Datasheet HTML 8Page - Cree, Inc CLV6B-FKB Datasheet HTML 9Page - Cree, Inc CLV6B-FKB Datasheet HTML 10Page - Cree, Inc CLV6B-FKB Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree PLCC6 3 in 1 SMD LED
CLV6B-FKB
MECHANICAL DIMENSIONS
All dimensions are in mm.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.



Html Pages

1 2 3 4 5 6 7 8 9 10 11