| Moteur de recherche de fiches techniques de composants électroniques |
|
CLV6B-FKB Fiches technique(PDF) 11 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CLV6B-FKB Fiches technique(HTML) 11 Page - Cree, Inc |
|
11 / 11 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 11 Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 11 Cree PLCC6 3 in 1 SMD LED CLV6B-FKB • The boxes are not water resistant and they must be kept away from water and moisture. • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation. • The reel pack is applied in SMD LED. • Max 3000 pcs per reel. PACKAGING |